Part Number Hot Search : 
EGA16 ROMEO2 IRF822 MMBT55 2N491 MP36F PLUS153D 5225B
Product Description
Full Text Search
 

To Download SMA5102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  128 i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) re (yfs) -i d characteristics (typical) r ds(on) -t c characteristics (typical) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) safe operating area (soa) p t -t a characteristics characteristic curves SMA5102 (t a =25 c) symbol unit conditions v (br)dss 100 v i d =250 a, v gs =0v i gss 500 na v gs = 20v i dss 250 av ds =100v, v gs =0v v th 2.0 4.0 v v ds =10v, i d =250 a re ( yfs ) 1.1 1.7 s v ds =10v, i d =4a r ds( on ) 0.50 0.60 ? v gs =10v, i d =4a ciss 180 pf v ds =25v, f=1.0mhz, coss 82 pf v gs =0v t on 40 ns i d =4a, v dd 50v, v gs =10v, t off 40 ns see fig. 3 on page 16. v sd 1.2 2.0 v i sd =4a, v gs =0v t rr 250 ns i sd = 100ma (t a =25 c) symbol ratings uni v dss 100 v v gss 20 v i d 4a i d( pulse ) 8 ( pw 1ms )a e as *16mj i f 4 ( pw 0.5ms, du 25% )a i fsm 8 ( pw 10ms, single pulse )a v r 120 v 4 ( ta=25 c, with all circuits operating, without heatsink )w 28 ( tc=25 c,with all circuits operating, with infinite heatsink )w j C a 31.2 ( junction-air, ta=25 c, with all circuits operating ) c/w j C c 4.46 ( junction-case, tc=25 c, with all circuits operating ) c/w tch 150 c tstg C 40 to +150 c * : v dd =20v, l=1mh, i d =5a, unclamped, see fig. e on page 15. p t specification min typ max symbol unit conditions v r 120 v i r =10 a v f 1.0 1.2 v i f =1a i r 10 av r =120v t rr 100 ns i f = 100ma specification min typ max 1 2 5 4 6 3 8 9 12 11 10 7 020 8 7 3 0 6v 7v v ds (v) i d (a) 10 6 5 4 2 1 10v v gs =5v 25 c 125 c 02 4 6 10 i d (a) v gs (v) t c = C 40 c 8 8 7 3 0 6 5 4 2 1 (v ds =10v) 0 0 12 8 0.2 0.4 0.6 0.8 i d (a) r ds (on) ( ? ) 34567 (v ds =10v) 0.2 0.05 0.5 1 1 5 (v ds =10v) 25 c 125 c i d (a) re (yfs) (s) 58 0.5 t c = C 40 c 0.1 C 40 0 0 50 100 150 0.2 0.8 1.0 1.2 v =10v gs i d =4a r ds (on) ( ? ) t c ( c) 0.6 0.4 01020304050 10 50 100 600 v ds (v) capacitance (pf) 5 v gs =0v f=1mhz ciss coss crss 0 0 1.0 1.5 2 7 8 i dr (a) v sd (v) 0.5 1 3 4 6 5 5v 10v v gs =0v 0.5 0.1 1 5 10 50 100 1 5 10 i d (a) v ds (v) 0.5 (t c =25 c) 1 m s 10 ms (1shot) l im it e d 100 s i d (pulse) max r d s (o n ) 25 30 20 15 10 5 0 with silicone grease natural cooling all circuits operating 0 50 100 150 t a ( c) p t (w) with infinite heatsink without heatsink n-channel with built-in flywheel diode external dimensions b ? ? ? sma absolute maximum ratings electrical characteristics  diode for flyback voltage absorption


▲Up To Search▲   

 
Price & Availability of SMA5102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X